Part Number Hot Search : 
60800 FSS212 TC123 CK2445 TC115 24AA0 03C24 312100
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10005~KBPC1010
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE: 50 V to 1000 V FORWARD CURRENT: 10 A
KBPC
Features * Reliable low cost construction * Ideal for printed circuit board * Low forward voltage drop * Low reverse leakage current * High surge current capability
Mechanical Data * Case: KBPC
Absolute Maximum Ratings and Characteristics
Rating at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. KBPC KBPC KBPC KBPC KBPC KBPC KBPC Symbol Units Parameter 1002 1004 1006 1008 1010 10005 1001 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 50 OC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC) Maximum Forward Voltage at 5 A DC and 25 OC Maximum Reverse Current at TA = 25 OC at Rated DC Blocking Voltage TA = 100 OC Typical Junction Capacitance 1) Typical Thermal Resistance 2) Typical Thermal Resistance 3) Operating and Storage Temperature Range
1) 2)
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA RJC TJ,TS
50 35 50
100 70 100
200 140 200
400 280 400 10 200 1.2 10 500 200 25 5
600 420 600
800 560 800
1000 700 1000
V V V A A V A pF
O
C/W C/W
O
O
- 55 to + 125
C
Measured at 1 MHz and applied reverse voltage of 4 VDC. Unit mounted on 8.6 X 8.6 X 0.24" thick (22 X 22 X 0.6 cm) Al, Plate. 3) Unit mounted on P.C.B. at 0.375" (9.5 mm) lead length with 0.5 x 0.5" (12 x 12 mm) copper pads.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 16/07/2006 H
KBPC10005~KBPC1010
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 16/07/2006 H


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X